Part Number Hot Search : 
IDT71V D1406 SRF860CT 66109 00050 DM4011 0540W 9C51R
Product Description
Full Text Search
 

To Download F17723333200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  f1772-2 310 v-x2 www.vishay.com vishay roederstein revision: 17-apr-13 1 document number: 28161 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 interference suppression film capacitors mkt radial potted type features ? 15 mm to 37.5 mm lead pitch ? aec-q200 qualified for c ? 470 nf ? supplied loose in box, taped on reel ? material categorization: ? for definitions of co mpliance please see www.vishay.com/doc?99912 applications high stability grade for continuous across the line x2 applications. see also application note: www.vishay.com/doc?28153 note ?for more detailed data and test requirements, contact rfi@vishay.com quick reference data capacitance rang e (e12 series) 0.01 f to 2.2 f (preferred values acc. to e6) capacitance to lerance 10 %, 20 % ( 5 % on request) rated ac voltage 310 v ac ; 50 hz to 60 hz permissible dc voltage 800 v dc at 85 c 630 v dc at 110 c climatic testing class ac c. to iec 60068-1 40/110/56/c maximum application temperature 110 c reference standards iec 60384-14 and en 60384-14 iec 60065 pass. flamm. class c csa-e384-14 ul 60384-14 dielectric polyester film electrodes metallized construction series construction encapsulation plastic case, epoxy resin sealed, flame retardant ul-class 94 v-0 leads tinned wire marking c-value; tolerance; rated voltage; sub-class; manufacturers type; code for dielectric material; manufacturer location; manufacturers logo or name; year and week; safety approvals dimensions in millimeters pitch p 0.4 h l t l ? d t w
f1772-2 310 v-x2 www.vishay.com vishay roederstein revision: 17-apr-13 2 document number: 28161 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 composition of catalog number notes ? for detailed tape specifications refer to packaging information www.vishay.com/doc?28139 (1) taped on reel pitch ? 27.5 mm is not available (2) same capacitance values ? 0.15 f are available in two different pitch sizes and dimensions note ? see voltage proof test for metalized film capacitors: www.vishay.com/doc?28169 specific reference data description value rated ac voltage (u rac ) 310 v permissible dc voltage (u rdc ) 630 v tangent of loss angle ? 100 x 10 -4 at 1 khz rated voltage pulse slope at (du/dt) r 435 v dc 100 v/s r between leads, for c ? 0.33 f at 100 v; 1 min > 15 000 m ? rc between leads, c > 0.33 f at 100 v; 1 min > 5000 s r between leads and case; 100 v; 1 min > 30 000 m ?? withstanding (dc) voltag e (cut off current 10 ma) (1) ; rise time ? 1000 v/s c ? 0.47 f 2200 v; for 1 min c > 0.47 f 2150 v; for 1 min withstanding (ac) voltage betw een leads and case 2120 v; 1 min maximum applicatio n temperature 110 c f 1772 x xx x x x x capacitance (numerically) example: 468 = 680 nf multiplier (nf) 0.1 2 13 10 4 100 5 type packaging (loose) tolerance example: f1772415 2215 means 0.15 f, 20 %; standard pitch 22.5 mm; lead length 15 mm - 1 mm; f1772415 2265 means 0.15 f, 20 %; reduced pitch 15.0 mm; lead length 15 mm - 1 mm lead length (mm) 10 % 2004 2000 2015 2030 2204 4 - 1 6 - 1 15 - 1 30 + 5 2200 2215 2230 20 % standard pitch size and dimension 2264 4 - 1 6 - 1 15 - 1 30 + 5 2260 2265 2263 2164 2160 2165 2163 reduced pitch size and dimension (2) packaging (taped on reel) (1) tolerance taping height (mm) 10 % 2900 2901 16.5 18.5 2290 2291 20 % standard pitch size and dimension 16.5 18.5 2960 2961 2970 2971 reduced pitch size and dimension (2)
f1772-2 310 v-x2 www.vishay.com vishay roederstein revision: 17-apr-13 3 document number: 28161 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 electrical data and ordering information u rac (v) cap. (f) pitch (mm) dimensions w x h x l max. (mm) mass (3) (g) spq (pieces) short lead ordering code bulk lead length 6 mm - 1 mm (1)(2) 310 d t = 0.60 mm 0.06 mm; c-tol. = 10 % 0.010 15 5.0 x 11.0 x 17.5 1.4 750 f17723102000 0.012 15 5.0 x 11.0 x 17.5 1.4 750 f17723122000 0.015 15 5.0 x 11.0 x 17.5 1.4 750 f17723152000 0.018 15 5.0 x 11.0 x 17.5 1.4 750 f17723182000 0.022 15 5.0 x 11.0 x 17.5 1.4 750 f17723222000 0.027 15 5.0 x 11.0 x 17.5 1.4 750 f17723272000 0.033 15 5.0 x 11.0 x 17.5 1.4 750 f17723332000 0.039 15 6.0 x 12.0 x 17.5 2.0 500 f17723392000 0.047 15 6.0 x 12.0 x 17.5 2.0 500 f17723472000 0.056 15 6.0 x 12.0 x 17.5 2.0 500 f17723562000 d t = 0.80 mm 0.08 mm; c-tol. = 10 % 0.068 15 7.0 x 13.5 x 17.5 2.4 450 f17723682000 0.082 15 8.5 x 15.0 x 17.5 2.7 300 f17723822000 0.10 15 8.5 x 15.0 x 17.5 2.7 325 f17724102000 0.12 15 8.5 x 15.0 x 17.5 2.7 300 f17724122000 0.15 15 8.5 x 15.0 x 17.5 2.7 300 f17724152160 0.15 22.5 7.0 x 16.5 x 26.0 4.1 235 f17724152000 0.18 22.5 7.0 x 16.5 x 26.0 4.1 235 f17724182000 0.22 15 10.0 x 16.5 x 17.5 3.0 235 f17724222160 0.22 22.5 8.5 x 18.0 x 26.0 4.6 200 f17724222000 0.27 22.5 10.0 x 19.5 x 26.0 6.7 170 f17724272000 0.33 15 13.5 x 22.5 x 18.0 5.5 185 f17724332160 0.33 22.5 10.0 x 19.5 x 26.0 6.7 170 f17724332000 0.39 27.5 11.0 x 21.0 x 31.0 9.1 125 f17724392000 0.47 22.5 12.0 x 22.0 x 26.0 13.0 110 f17724472160 0.47 27.5 11.0 x 21.0 x 31.0 9.1 125 f17724472000 0.56 27.5 11.0 x 21.0 x 31.0 9.1 125 f17724562000 0.68 22.5 15.5 x 26.5 x 26.5 13.5 110 f17724682160 0.68 27.5 13.0 x 23.0 x 31.0 12.9 110 f17724682000 0.82 27.5 13.0 x 23.0 x 31.0 12.9 110 f17724822000 1.0 22.5 15.5 x 26.5 x 26.5 13.5 110 f17725102160 1.0 27.5 15.0 x 25.0 x 31.5 15.0 100 f17725102000 1.2 37.5 14.5 x 24.5 x 41.5 18.9 80 f17725122000 1.5 27.5 18.0 x 28.0 x 31.0 19.0 85 f17725152160 1.5 37.5 15.5 x 28.5 x 41.5 24.0 70 f17725152000 1.8 37.5 15.5 x 28.5 x 41.5 24.0 70 f17725182000 2.2 27.5 21.0 x 31.0 x 31.0 28.0 70 f17725222160 2.2 37.5 18.0 x 32.5 x 41.5 31.6 60 f17725222000 d t = 0.60 mm 0.06 mm; c-tol. = 20 % 0.010 15 5.0 x 11.0 x 17.5 1.4 750 f17723102200 0.015 15 5.0 x 11.0 x 17.5 1.4 750 f17723152200 0.022 15 5.0 x 11.0 x 17.5 1.4 750 f17723222200 0.033 15 5.0 x 11.0 x 17.5 1.4 750 f17723332200 0.047 15 5.0 x 11.0 x 17.5 1.4 750 f17723472200 0.068 15 6.0 x 12.0 x 17.5 2.0 600 f17723682200 0.10 15 6.0 x 12.0 x 17.5 2.0 600 f17724102200
f1772-2 310 v-x2 www.vishay.com vishay roederstein revision: 17-apr-13 4 document number: 28161 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? spq = standard packing quantity ? for detailed tape specifications refer to packaging information: www.vishay.com/doc?28139 (1) for further packaging see table composition of catalog number. (2) further information about packaging quantities with different lead length and/or tape d versions, see docume nt packing quantiti es www.vishay.com/doc?27608 (3) weight for short lead product only 310 d t = 0.80 mm 0.08 mm; c-tol. = 20 % 0.15 15 8.5 x 15.0 x 17.5 2.7 325 f17724152260 0.15 22.5 6.0 x 15.5 x 26.0 3.3 260 f17724152200 0.22 15 10.0 x 16.5 x 17.5 4.5 300 f17724222260 0.22 22.5 7.0 x 16.5 x 26.0 4.1 235 f17724222200 0.33 15 13.5 x 22.5 x 18.0 5.5 185 f17724332260 0.33 22.5 8.5 x 18.0 x 26.0 5.3 190 f17724332200 0.47 22.5 10.0 x 19.5 x 26.0 6.7 170 f17724472260 0.47 27.5 9.0 x 19.0 x 31.5 6.8 160 f17724472200 0.68 22.5 12.0 x 22.0 x 26.0 13.4 110 f17724682260 0.68 27.5 11.0 x 21.0 x 31.0 12.9 125 f17724682200 1.0 22.5 15.5 x 26.5 x 26.5 13.5 110 f17725102260 1.0 27.5 15.0 x 25.0 x 31.5 15.0 100 f17725102200 1.5 27.5 18.0 x 28.0 x 31.5 19.0 85 f17725152260 1.5 37.5 14.5 x 24.5 x 41.5 18.9 80 f17725152200 2.2 27.5 21.0 x 31.0 x 31.0 28.0 70 f17725222260 2.2 37.5 15.5 x 28.5 x 41.5 24.0 70 f17725222200 approvals safety approvals x2 voltage value file numbers en 60384-14 (enec) ? (= iec 60384-14) 310 v ac 0.01 f to 2.2 f x2 40005079 ul 60384-14 310 v ac 0.01 f to 2.2 f x2 e354331 csa-e 384-14 310 v ac 0.01 f to 2.2 f x2 e354331 cb test-certificate 310 v ac 0.01 f to 2.2 f x2 de 1-40110/a1 the enec-approval together with the cb-certificate replace all national marks of the following countries (they have already sig ned the enec-agreement): austria; belgium; czech. republic; denmark; finland; france; germany; greece; hungary; ireland; italy; luxembo urg; netherlands; norway; portugal; slovenian; sp ain; sweden; switzerland and united kingdom. electrical data and ordering information u rac (v) cap. (f) pitch (mm) dimensions w x h x l max. (mm) mass (3) (g) spq (pieces) short lead ordering code bulk lead length 6 mm - 1 mm (1)(2)
f1772-2 310 v-x2 www.vishay.com vishay roederstein revision: 17-apr-13 5 document number: 28161 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 mounting normal use the capacitors are designed for mounting on printed-circuit boards. the capacitors packed in bandoliers are designed for mounting in printed-circuit boards by means of automatic insertion machines. ? for detailed tape specifications refer to packaging information: www.vishay.com/doc?28139 . specific method of mounting to withstand vibrat ion and shock in order to withstand vibration and shock tests, it must be en sured that stand-off pips are in good contact with the printed-ci rcuit board: ? for pitches ? 15 mm capacitors shall be mech anically fixed by the leads ? for larger pitches the capacitors shall be mounted in the same way and the body clamped space requirements on printed circuit board the maximum space for length (i max. ), width (w max. ) and height (h max. ) of film capacitors to take in account on the printed circuit board is shown in the drawings. ? for products with pitch ? 15 mm, ? w = ? l = 0.3 mm; ? h = 0.1 mm ? for products with 15 mm < pitch ? 27.5 mm, ? w = ? l = 0.5 mm; ? h = 0.1 mm ? for products with pitch = 37.5 mm, ? w = ? l = 0.7 mm; ? h = 0.5 mm eccentricity defined as in drawing. the maximum eccentricity is smaller than or equal to the lead diameter of the product concerned. soldering conditions for general soldering conditions and wave soldering profile, we refer to the application note: soldering guidelines for film capacitors: www.vishay.com/doc?28171 storage temperature t stg = - 25 c to + 35 c with rh maximum 75 % without condensation ratings and characteristics reference conditions unless otherwise specified, all electrical values apply to an a mbient temperature of 23 c 1 c, an atmospheric pressure of 86 kpa to 106 kpa and a relative humidity of 50 % 2 %. for reference testing, a conditioning period shall be applied ov er 96 h 4 h by heating the products in a circulating air oven at the rated temperature and a relati ve humidity not exceeding 20 %. cba116 eccentricity w max. = w + w h max. = h + h i max. = i + i seating plane
f1772-2 310 v-x2 www.vishay.com vishay roederstein revision: 17-apr-13 6 document number: 28161 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 characteristics capacitance as a function of ambient temperature (typical curve) impedance as a func tion of frequency (typical curve) ? tangent of loss angle as a function of frequency (typical curve) resonant frequency as a function of capacitance (typical curve) max. rms voltage as a function of frequency max. rms current as a function of frequency - 60 - 20 20 c/c (%) 2 - 2 - 4 - 6 0 60 100 t amb (c) 4 6 min. max. 1 khz typical z ( ) 10 1 0.01 0.05 1.0 5.0 10 50 100 10 0 10 -1 10 -2 10 -3 0.1 0.5 2.2 f 0.47 f 1.5 f 0.22 f 1.0 f 0.1 f 0.68 f 0.047 f 0.33 f 0.022 f 0.15 f 0.068 f 0.033 f 0.015 f 0.01 f f (mhz) dissipation factor (x 10 -4 ) 10 1 10 2 10 3 f (hz) 10 2 10 3 10 4 10 5 3 2 1 c 0.33 f (curve 1) 0.33 f < c 1.2 f (curve 2) 1.2 f < c 2.2 f (curve 3) 10 1 10 2 10 3 10 4 c (nf) f (mhz) 10 -1 10 0 10 1 10 2 x2 t amb 110 c ac voltage (v) 10 3 10 2 10 1 f (hz) 10 1 10 2 10 3 10 4 10 5 f (hz) ac current (ma) t amb 110 c 2200 nf 10 1 10 2 10 3 10 4 10 5 10 -1 10 0 10 1 10 2 10 3 10 4 1000 nf 470 nf 100 nf 47 nf 10 nf
f1772-2 310 v-x2 www.vishay.com vishay roederstein revision: 17-apr-13 7 document number: 28161 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 insulation resistance as a function of ambient temperature (typical curve) application notes and limiting conditions ? for x2 electromagnetic interference suppressio n where a higher stabililty grade is needed for continuous across the line applications (50 hz/60 hz) with a maximum mains voltage of 310 v ac . ? these capacitors are not intended for cont inuous pulse application. for these situations capacitors of the ac and pulse programs must be used. ? for series impedance applications we refer to application note: www.vishay.com/doc?28153 ? the maximum ambient temperature must not exceed 110 c. ? rated voltage pulse slope: ? if the pulse voltage is lower than the rated voltage, the values of the specific reference data can be multiplied by 435 v dc and divided by the applied voltage. inspection requirements general notes sub-clause numbers of tests and performance requirements refe r to the sectional specification, publication iec 60384-14 ed 3 and specific reference data. group c inspection requirements sub-clause number and test cond itions performance requirements sub-group c1a part of sample ? of sub-group c1 4.1 dimensions (detail) as specified in chapter general data of this specification ? initial measurements capacitance tangent of loss angle: ? for c ? 1 f at 10 khz ? for c > 1 f at 1 khz ? 4.3 robustness of terminatio ns tensile: load 10 n; 10 s ? bending: load 5 n; 4 x 90 ? no visible damage 4.4 resistance to soldering heat no pre-drying ? method: 1a solder bath: 280 c 5 c duration: 10 s t amb (c) 10 5 10 4 10 2 10 3 - 60 - 20 20 60 100 rc (s)
f1772-2 310 v-x2 www.vishay.com vishay roederstein revision: 17-apr-13 8 document number: 28161 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 sub-group c1a part of sample ? of sub-group c1 4.19 component solvent resistance isopropylalcohol at room temperature method: 2 immersion time: 5 min 0.5 min recovery time: min. 1 h, max. 2 h ? 4.4.2 final measurements visual examination no visible damage legible marking ? capacitance | ? c/c| ? 5 % of the value measured initially ? tangent of loss angle increase of tan ? ? ? 0.008 for: c ?? 1 f or ? ? 0.005 for: c > 1 f ? compared to values measured initially ? insulation resistance as specified in section insulation resistance of this specification sub-group c1b part of sample ? of sub-group c1 initial measurements capacitance tangent of loss angle: ? for c ? 1 f at 10 khz ? for c > 1 f at 1 khz ? 4.20 solvent resistance of the marking isopropylalcohol at room temperature method: 1 rubbing materi al: cotton wool immersion time: 5 min 0.5 min ? no visible damage legible marking 4.6 rapid change of temperature ? a = - 40 c ? ? b = + 110 c 5 cycles ? duration t = 30 min ? 4.6.1 inspection visual examination no visible damage ? 4.7 vibration mounting: ? see section mounting of this specification procedure b4 frequency range: 10 hz to 55 hz amplitude: 0.75 mm or acceleration 98 m/s2 (whichever is less severe) total duration 6 h ? 4.7.2 final inspection visual examination no visible damage ? 4.9 shock mounting: ? see section mounting for more information pulse shape: half sine acceleration: 490 m/s2 duration of pulse: 11 ms ? 4.9.2 final measurements visual examination no visible damage ? capacitance | ? c/c| ? 5 % of the value measured initally ? tangent of loss angle increase of tan ? ? ? 0.008 for: c ? 1 f or ? ? 0.005 for: c > 1 f ? compared to values measured initially ? insulation resistance as specified in section specific reference of this specification group c inspection requirements sub-clause number and test cond itions performance requirements
f1772-2 310 v-x2 www.vishay.com vishay roederstein revision: 17-apr-13 9 document number: 28161 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 sub-group c1 combined sample of specimens of sub-groups ? c1a and c1b 4.11 climatic sequence capacitance ? 4.11.1 initial measurements m easured in 4.4.2 and 4.9.2 ? tangent of loss angle ? measured initally in c1a and c1b ? 4.11.2 dry heat temperature: 110 c ? duration: 16 h ? 4.11.3 damp heat cyclic ? test db, first cycle ? 4.11.4 cold temperature: - 40 c duration: 2 h ? 4.11.5 damp heat cyclic test db, remaining cycles ? 4.11.6 final measurements visual examination no visible damage legible marking ? capacitance | ? c/c| ? 5 % of the value measured in 4.11.1 ? tangent of loss angle increase of tan ? ? ? 0.008 for: c ? 1 f or ? ? 0.005 for: c > 1 f ? compared to values measured in 4.11.1 ? voltage proof ? 1350 v dc 1 min betwee n terminations ? no permanent breakdown or flash-over ? ? insulation resistance ? 50 % of values specified in section insulation resistance of this specification sub-group c2 4.12 damp heat steady state 56 days, 40 c, 90 % to 95 % rh ? no load ? 4.12.1 initial measur ements capacitance tangent of loss angle: 1 khz ? 4.12.3 final measurements visual examination no visible damage legible marking ? capacitance | ? c/c| ? 5 % of the value measured in 4.12.1 ? tangent of loss angle increase of tan ? ? ? 0.008 for: c ? 1 f or ? ? 0.005 for: c > 1 f ? compared to values measured in 4.12.1 ? voltage proof ? 1350 v dc ; 1 min between terminations ? no permanent breakdown or flash-over ? insulation resistance ?? 50 % of values specified in section insulation resistance of this specification group c inspection requirements sub-clause number and test cond itions performance requirements
f1772-2 310 v-x2 www.vishay.com vishay roederstein revision: 17-apr-13 10 document number: 28161 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 sub-group c3 4.13.1 initial measur ements capacitance tangent of loss angle: ? for c ? 1 f at 10 khz ? for c > 1 f at 1 khz 4.13 impulse voltage 3 successive impulses, full wave, peak voltage: ? x2: 2.5 kv for c ? 1 f ? x2: 2.5 kv/ ? c for c > 1 f ? max. 24 pulses ? no self healing breakdowns or flash-over 4.14 endurance duration: 1000 h 1.25 x u rac at 110 c ? once in every hour the voltage is increased to 1000 v (rms) for 0.1 s via resistor of ? 47 ? 5 % ? 4.14.7 final measurements visual examination no visible damage ? legible marking ? capacitance | ? c/c| ? 5 % compared to values measured in 4.13.1 ? tangent of loss angle increase of tan ? ? ? 0.008 for: c ? 1 f or ? ? 0.005 for: c > 1 f ? compared to values measured in 4.13.1 ? voltage proof ? 1350 v dc ; 1 min between terminations ? 2120 v ac ; 1 min between terminations and case ? no permanent breakdown or flash-over insulation resistance ? 50 % of values specified in section insulation resistance of this specification sub-group c4 4.15 charge and discharge 10 000 cycles charged to 435 v dc ? discharge resistance: 4.15.1 initial measur ements capacitance tangent of loss angle: ? for c ? 1 f at 10 khz ? for c > 1 f at 1 khz ? 4.13.3 final measur ements capacitance | ? c/c| ? 10 % compared to values measured in 4.15.1 ? tangent of loss angle increase of tan ? ? ? 0.008 for: c ? 1 f or ? ? 0.005 for: c > 1 f ? compared to values measured in 4.15.1 ? insulation resistance ? 50 % of values specified in section insulation resistance of this specification group c inspection requirements sub-clause number and test cond itions performance requirements r 435 v dc 1.5 x c du dt ? ?? ------------------------------------------ =
f1772-2 310 v-x2 www.vishay.com vishay roederstein revision: 17-apr-13 11 document number: 28161 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 sub-group c5 4.16 radio frequency characte ristic resonance frequency ? 0.9 times the value as specified in section resonant frequency of this specification. sub-group c6 4.17 passive flammability ? class c bore of gas jet: ? 0.5 mm fuel: butane test duration for actual volume v in mm3: v ? 250: 5 s 250 < v ? 500: 10 s 500 < v ? 1750: 20 s v > 1750: 30 s one flame application after removing test flam e from capacitor, the capacitor must not conti nue to burn for more than 30 s. no burning particle must drop from the sample. sub-group c7 4.18 active flammability 20 cycles of 2.5 kv di scharges on the test capacitor connected to u rac . the cheese cloth around the capacitors shall not burn with a flame. ? no electrical measurements are required. group c inspection requirements sub-clause number and test cond itions performance requirements 45.0 ~ 8 mm 12 mm
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of F17723333200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X